PART |
Description |
Maker |
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
P4C163 P4C163-25CC P4C163-25CCLF P4C163-25CM P4C16 |
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 35 ns, CQCC28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 45 ns, CDIP28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 35 ns, CDIP28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 25 ns, CDIP28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 25 ns, PDSO28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 45 ns, CDFP28
|
Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
AS5LC1008DJ-10_IT AS5LC1008DJ-10_XT AS5LC1008DJ-12 |
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
|
Austin Semiconductor
|
IS61LV2568-8T IS61LV2568-8K IS61LV2568 IS61LV2568- |
x8 SRAM 256K x 8 HIGH-SPEED CMOS STATIC RAM 256K X 8 STANDARD SRAM, 15 ns, PDSO44 256K x 8 HIGH-SPEED CMOS STATIC RAM 256K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc.
|
IC61C6416 IC61C6416-15K IC61C6416-15KI IC61C6416-1 |
ASYNCHRONOUS STATIC RAM, High Speed A.SRAM BROTHER P-TOUCH LABELER 64K X 16 HIGH-SPEED CMOS STATIC RAM 64K的16 HIGH-SPEED的CMOS静态RAM
|
Integrated Circuit Solu... ICSI Integrated Circuit Solution Inc Black Box, Corp.
|
W24L010A W24L010A-10 W24L010A-12 W24L010A-15 W24L0 |
From old datasheet system Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDIP32
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
KM6161002C KM6161002C-12 KM6161002C-15 KM6161002C- |
CMOS SRAM 64K x 16 Bit High-Speed CMOS Static RAM (5.0V Operating) Operated at Commercial and Industrial Temperature Range
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
HMT-65764K-2 HMT-65764K-5 HMT-65764K-8 HMT-65764M- |
HIGH SPEED CMOS SRAM
|
ETC
|